PART |
Description |
Maker |
ISL2231710 ISL22317 ISL22317TFRTZ ISL22317UFRTZ IS |
Precision Single Digitally Controlled Potentiometer (XDCP Low Noise, Low Power, I-2CBus, 128 Taps Precision Single Digitally Controlled Potentiometer (XDCP垄芒) Precision Single Digitally Controlled Potentiometer (XDCP?? Precision Single Digitally Controlled Potentiometer (XDCP?
|
Intersil Corporation
|
X9318WS8 X9318WS8Z X9318 X9318WP8 X9318WP8I X9318W |
Digitally Controlled Potentiometer Digitally Controlled Potwntiometer(XSCP) CRIMP SHELLS, DB25 MALE
|
INTERSIL[Intersil Corporation]
|
EP9810-950 EP9810-45 EP9810-850 EP9810-650 EP9810- |
Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-PDIP Single Digitally Controlled Potentiometer (XDCP), Low Noise, Low Power, 3 wire Up/Down, 32 Taps; Temperature Range: -40°C to 85°C; Package: 8-MSOP Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-MSOP Single Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-SOIC Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-DFN Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-PDIP Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 8-MSOP 抽头延迟 Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 8-PDIP 抽头延迟 Single Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 8-SOIC 抽头延迟 Tapped Delay Line 抽头延迟
|
Ecliptek, Corp. Amphenol, Corp.
|
X9C503 X9C103 X9C104ST1 X9C102 X9C10209 X9C104SIZT |
Digitally Controlled Potentiometer (XDCP™); Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R 100K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 100 POSITIONS, PDSO8 Wiper Position Stored in Non-volatile Memory and Recalled on Power-up Digitally Controlled Potentiometer (XDCP?
|
Intersil Corporation Intersil, Corp.
|
ISL9084106 ISL90841WIV1427Z ISL90841UIV1427Z |
Quad Digitally Controlled Potentiometers (XDCP? Quad Digitally Controlled Potentiometers (XDCP⑩)
|
INTERSIL[Intersil Corporation]
|
X93156UM8I-2.7 X93156UM8IZ-2.7 X93156WM8IZ-2.7T1 X |
Single Digitally Controlled Potentiometer (XDCP? Low Noise, Low Power, 3 wire Up/Down, 32 Taps Single Digitally Controlled Potentiometer (XDCP?
|
Intersil Corporation
|
EPA2398-60 EPA2398-600 EPA2398-40 EPA2398-35 EPA23 |
Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-SOIC Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-PDIP Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-SOIC Delay Line 延迟
|
Belden, Inc. TE Connectivity, Ltd. EPCOS AG
|
EPA1825-10 EPA1825-100 EPA1825-11 EPA1825-12 EPA18 |
Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: 0°C to 70°C; Package: 14-TSSOP DELAY LINE|FIXED TAPS|3-LINE|1-TAP|HYBRID|DIP|14PIN|PLASTIC 延迟线|定额丝锥| 3线| 1 -技术咨询|混合|双酯| 14PIN |塑料 Tapped Delay Line 抽头延迟 Single Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 14-TSSOP Single Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 16-SOIC 14 Pin DIP High Precision Triple Output TTL Compatible Active Delay Lines
|
Analog Devices, Inc. NXP Semiconductors N.V. PCA ELECTRONICS INC.
|
EPA1130G-350 EPA1130G-125 EPA1130G-300 EPA1130G-50 |
DELAY LINE|FIXED TAPS|1-LINE|5-TAP|HYBRID|DIP|8PIN|PLASTIC Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-PDIP Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-TSSOP Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-SOIC Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-PDIP Quad Digitally Controlled (XDCP™) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-PDIP 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 8引脚|塑料 DELAY LINE|FIXED TAPS|1-LINE|5-TAP|HYBRID|DIP|14PIN|PLASTIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料
|
数字电位
|
EPA230-TD-70 EPA230-TD-100 EPA230-TD-80 EPA230-TD- |
Logarithmic Digitally Controlled Potentiometer (XDCP), Terminal Voltage ±5V, 100 Taps, Log Taper; Temperature Range: -40°C to 85°C; Package: 8-PDIP Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-PDIP Logarithmic Digitally Controlled Potentiometer (XDCP), Terminal Voltage ±5V, 100 Taps, Log Taper; Temperature Range: 0°C to 70°C; Package: 8-PDIP Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-PDIP Delay Line 延迟
|
Honeywell International, Inc. NXP Semiconductors N.V.
|
EP9910-5I EP9910-7I EP9910-6H EP9910-1I EP9910-4H |
Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-MSOP Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-MSOP Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-SOIC Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-SOIC Logic IC 逻辑IC Digitally Controlled Potentiometer (XDCP™); Temperature Range: 0°C to 70°C; Package: 8-MSOP 逻辑IC
|
PCA Electronics, Inc.
|
X9116WM8Z |
Digitally Controlled Potentiometer
|
Intersil Corporation
|